Part Number Hot Search : 
92MHZ 05000 STB10150 MAX9376 R7200609 5KP54 10A45 SB520
Product Description
Full Text Search
 

To Download MBRF30150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbrf30xxct = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mbrf 3035 ct mbrf 3045 ct mbrf 3050 ct mbrf 3060 ct mbrf 2590 ct mbrf 30100 ct mbrf 30150 ct unit v rrm 35 45 50 60 90 100 150 v v rms 24 31 35 42 63 70 105 v v dc 35 45 50 60 90 100 150 v i rrm a 0.95 0.80 1.05 0.92 dv/dt v/us cj pf r jc o c/w t j o c t stg o c 360 10000 ma 580 480 v 20 15 0.82 0.73 0.78 0.70 0.90 30 30 200 a i f(av) a i fsm maximum instantaneous forward voltage (note 2) if=15a, t a =25 if=15a, t a =125 if=30a, t a =25 if=30a, t a =125 v f 0.82 i frm 0.75 0.65 ? plastic material used carriers underwriters laboratory classification 94v-0 ? weight: 1.69 grams typical junction capacitance type number a ? green compound with suffix "g" on packing code & prefix "g" on datecode ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 maximum reverse current @ rated vr t a =25 t a =125 ? polarity: as marked ? mounting torque: 5 in. - lbs, max ? mounting position:any maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage peak repetitive reverse surge current (note 1) peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) mbrf3035ct - MBRF30150CT marking diagram ito-220ab 30.0 amps. isolated schottky barrier rectifiers dimensions in inches and (millimeters) ? case:ito-220ab molded plastic body features ? high surge capability ? metal silicon junction, majority carrier conduction ? high temperature soldering guaranteed: 260 /10 seconds, at terminals version:h11 note 2: pulse test : 300us pulse width, 1% duty cycle note 1: 2.0us pulse width, f=1.0khz operating temperature range storage temperature range - 65 to + 150 - 65 to + 150 maximum average forward rectified current at tc=130 peak repetitive forward current (rated vr, square wave, 20khz) at tc=130 typical thermal resistance per leg 4 voltage rate of change (rated v r ) i r 0.60 0.94 0.70 0.5 1 0.2 10 0.84 pb rohs compliance rohs compliance
version:h11 ratings and characteristic curves (mbrf3035ct thru MBRF30150CT) fig.1 forward current derating curve 0 5 10 15 20 25 30 35 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) resistive or inductiveload fig. 2 maximum non-repetitive forward surge current per leg 50 75 100 125 150 175 200 225 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics per leg 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous r everse current (ma) ta=75 ta=125 mbrf3035ct - 3045ct mbrf3050ct - 30150ct ta=25 fig. 5 typical junction capacitance per leg 100 1000 10000 0.1 1 10 100 reverse voltage (v) junction c apacitance (pf) a ta=25 f=1.0mhz vsi g =50mv p - p mbrf3035ct - 3045ct mbrf3050ct - 3060ct mbrf3090ct - 30150ct fig. 3 typical forward characterisrics per leg 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 forward voltage (v) instantaneous forward current (a) ta=25 pulse width=300us 1% duty cycle mbrf3035ct-3045ct mbrf3050ct-3060ct mbrf3090ct-30100ct MBRF30150CT fig. 6 typical transient thermal impedance per leg 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance ( /w)


▲Up To Search▲   

 
Price & Availability of MBRF30150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X